Part Number Hot Search : 
713MUQ 28C65 NL1027 21332 V375C SKKH92 HAL3727 VLZ10A
Product Description
Full Text Search
 

To Download HCP6C60 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Shantou Huashan Electronic Devices Co.,Ltd.
HCP6C60
Silicon Controlled Rectifier
Features
* Repetitive Peak Off-State Voltage : 600V * R.M.S On-State Current(IT(RMS)=6A) * Low On-State Voltage (1.4V(Typ.)@ ITM) * Non-isolated Type
General Description
Standard gate triggering SCR is suitable for the application where requiring high bi-directional blocking voltage capability and also suitable for over voltage protection, motor control cicuit in power tool, inrush current limit circuit and heating control system.
Absolute Maximum RatingsTa=25 unless otherwise specified
T s t g ----Storage Temperature ------------------------------------------------------ -40~125 T j ----Operating Junction Temperature ---------------------------------------------- -40~125 VDRM ----Repetitive Peak Off-State Voltage -------------------------------------------------------------------- 600V ITRMS----R.M.S On-State Current180 Conduction Angles------------------------------------------6A IT(AV) ----Average On-State Current (Half Sine Wave : TC = 106 C) ----------------------------------------3.8A ITSM ----Surge On-State Current (1/2 Cycle, 60Hz, Sine Wave, Non-repetitive) ------------------------PGM ----Forward Peak Gate Power Dissipation (Ta=25) --------------------------------------------------66A 5W
IFGM ----Forward Peak Gate Current -------------------------------------------------------------------------------- 2A VRGM ----Reverse Peak Gate Voltage ------------------------------------------------------------------------------- 5V
Shantou Huashan Electronic Devices Co.,Ltd.
HCP6C60
Electrical CharacteristicsTa=25 unless otherwise specified
Symbol IDRM VTM IGT VGT VGD IH Rth(j-c) Rth(j-a) dv/dt Repetitive Current Items Peak Off-State Min. Typ. Max. 10 200 1.6 15 1.5 0.2 20 V Unit VAK=VDRM uA V mA Conditions
Tc=25 Tc=125
ITM=9A,tp=380s VAK =6V(DC), RL=10 ohm
Peak On-State Voltage (1) Gate Trigger Current2 Gate Trigger Voltage (2) Non-Trigger Gate Voltage Holding Current Thermal Resistance Thermal Resistance Critical Rate of Rise Off-state Voltage 200
Tc=25
VAK =6V(DC), RL=10 ohm
Tc=25
VAK =12V, RL=100 ohm
V
Tc=125 IT=100mA,Gate open, mA Tc=25
Junction to Case Junction to Ambient Linear slope up to VD=VDRM67% Gate open Tj=125
3.12 89
/W /W V/s
1. Forward current applied for 1 ms maximum duration,duty cycle 1%. 2. RGK current is not included in measurement
Performance Curves
FIGURE 1 - Gate Characteristics Max. Allowable Case Temperture (c) FIGURE 2 - Maximum CaseTemperture
Gate Voltage (v)
Gate
Current
(mA)
Average On-State Current (mA)
Shantou Huashan Electronic Devices Co.,Ltd.
HCP6C60
FIGURE 4-Thermal Response
FIGURE 3-Typical Forward Voltage(V) Transient Thermal Imperdance (c) On-State Voltage (V) FIGURE 5-Typical Gate Trigger Voltage VS Junction Temperature
On-State Current(A)
Time (sec) FIGURE 6-Typical Gate Trigger Current VS Junction Temperature
Junction Temperature (C) FIGURE 7-Typical Holding Current
Junction Temperature (C) FIGURE 8-Power Dissipation
Max. Average Power Junction Temperature (C)
Dissipation (W)
Average On-State Current (A)


▲Up To Search▲   

 
Price & Availability of HCP6C60

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X